Part Number Hot Search : 
V300C24 R2A33 DTC114 18R104C SN74LS47 5DU121 SKIIP3 MAX924
Product Description
Full Text Search
 

To Download CS48520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.DataSheet.in
CS485xx Family Data Sheet
FEATURES
Cost-effective, High-performance 32-bit DSP
300,000,000 MAC/S (multiply accumulates per second) Dual MAC cycles per clock 72-bit accumulators are the most accurate in the industry 24k x 32 SRAM, 2k blocks - assignable to data or program Internal ROM contains a variety of configurable sound enhancement feature sets -- 8-channel internal DMA -- Internal watch-dog DSP lock-up prevention -- -- -- -- --
Differentiating from the legacy Cirrus multi-standard, multichannel decoders, this new CS485xx family is still based on the same high-performance 32-bit fixed point Digital Signal Processor core but instead is equipped with much less memory, tailoring it for more cost-effective applications associated with multi-channel and virtual-channel sound enhancements. Target applications are:
-- Digital Televisions -- Multimedia Peripherals -- -- -- -- -- iPod(R) Docking Stations Automotive Head Units Automotive Outboard Amplifiers HD-DVD & Blu-ray Disc DVD Receivers PC Speakers
DSP Tool Set w/ Private Keys for Protecting Customer IP Configurable Serial Audio Inputs/Outputs
-- -- -- -- -- -- Configurable for all input/output types Maximum 32-bit @ 192 kHz Supports 32-bit audio sample I/O between DSP chips TDM input modes (multiple channels on same line) 192 kHz SPDIF transmitter Multi-channel DSD direct stream digital SACD input
EN D TI A EL L PH D R I A FT
Ordering Information: See page 20 for ordering information
Serial Control 1 GPIO Debug Watchdog 32-bit DSP P X Y D M A TMR1 TMR2 PLL
There are are also a wide variety of licensable DSP codes available today as seen by the following examples:
Supports Two Different Input Fs Sample Rates
-- -- -- --
(R)
Output can be master or slave Dual processing path capability Input supports dual domain slave clocking Hardware assist time sampling for sample rate conversion
Integrated Clock Manager/PLL
Cirrus also has developed, or is developing their own royaltyfree versions of popular features sets like Cirrus Bass Manager, Cirrus Dynamic Volume Leveler, Cirrus Original Multichannel Surround, Cirrus Virtual Speaker & Cirrus 3DAudio. The CS485xx family is programmed using the Cirrus proprietary DSP ComposerTM GUI development tool. Processing chains may be designed using a drag-and-drop interface to place/utilize functional macro audio DSP primitives. The end result is a software image that is downloaded to the DSP via serial host or serial boot modes.
-- Can operate from external crystal, external oscillator
Input Fs Auto Detection Host & Boot via Serial Interface Configurable GPIOs and External Interrupt Input 1.8V Core and a 3.3V I/O that is tolerant to 5V input Low-power Mode
(R)
-- "Energy Star Ready" in low-power mode, 268 W in standby
C
O
S/PDIF
12 Ch PCM Audio Out
N
12 Ch. Audio In / 6 Ch. SACD In
FI
D
http://www.cirrus.com
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
FEB '09 DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
Contacting Cirrus Logic Support
For all product questions and inquiries contact a Cirrus Logic Sales Representative. To find the one nearest to you go to www.cirrus.com.
IMPORTANT NOTICE
Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third parties. This document is the property of Cirrus and by furnishing this information, Cirrus grants no license, express or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual property rights. Cirrus owns the copyrights associated with the information contained herein and gives consent for copies to be made of the information only for use within your organization with respect to Cirrus integrated circuits or other products of Cirrus. This consent does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale. CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE ("CRITICAL APPLICATIONS"). CIRRUS PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN PRODUCTS SURGICALLY IMPLANTED INTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT PRODUCTS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF CIRRUS PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUSTOMER'S RISK AND CIRRUS DISCLAIMS AND MAKES NO WARRANTY, EXPRESS, STATUTORY OR IMPLIED, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR PARTICULAR PURPOSE, WITH REGARD TO ANY CIRRUS PRODUCT THAT IS USED IN SUCH A MANNER. IF THE CUSTOMER OR CUSTOMER'S CUSTOMER USES OR PERMITS THE USE OF CIRRUS PRODUCTS IN CRITICAL APPLICATIONS, CUSTOMER AGREES, BY SUCH USE, TO FULLY INDEMNIFY CIRRUS, ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AND OTHER AGENTS FROM ANY AND ALL LIABILITY, INCLUDING ATTORNEYS' FEES AND COSTS, THAT MAY RESULT FROM OR ARISE IN CONNECTION WITH THESE USES.
SRS, Circle Surround and Trusurround XT are registered trademarks of SRS Labs, Inc. Circle Surround II is a trademark of SRS Labs, Inc. The CIRCLE SURROUND TECHNOLOGY rights incorporated in the Cirrus Logic chip are owned by SRS Labs, Inc. and by Valence Technology Ltd., and licensed to Cirrus Logic, Inc. Users of any Cirrus Logic chip containing enabled CIRCLE SURROUND TECHNOLOGY(R) (i.e., CIRCLE SURROUND(R) LICENSEES) must first sign a license to purchase production quantities for consumer electronics applications which may be granted upon submission of a preproduction sample to, and the satisfactory passing of performance verification tests performed by SRS Labs, Inc., or Valence Technology Ltd. E-mail requests for performance specifications and testing rate schedule may be made to cslicense@srslabs.com. SRS Labs, Inc. and Valence Technology, Ltd., reserve the right to decline a use license for any submission that does not pass performance specifications or is not in the consumer electronics classification. All equipment manufactured using any Cirrus Logic chip containing enabled CIRCLE SURROUND(R) TECHNOLOGY must carry the Circle Surround(R) logo on the front panel in a manner approved in writing by SRS Labs, Inc., or Valence Technology Ltd. If the Circle Surround(R) logo is printed in users manuals, service manuals or advertisements, it must appear in a form approved in writing by SRS Labs, Inc., or Valence Technology, Ltd. The rear panel of Circle Surround(R) products, users manuals, service manuals, and all advertising must all carry the legends as described in LICENSOR'S most current version of the CIRCLE SURROUND Trademark Usage Manual. SPI is a trademark of Motorola, Inc. I2C is a registered trademark of Philips Semiconductor. iPod is a registered trademark of Apple Computer, Inc. Energy Star is a registered trademark of the Environmental Protection Agency, a federal agency of the United States government.
2
C
O
N
DTS is a registered trademark of the Digital Theater Systems, Inc. DTS Neo:6 is a trademark of Digital Theater Systems, Inc. It is hereby notified that a third-party license from DTS is necessary to distribute software of DTS in any finished end-user or ready-to-use final product.
FI
Dolby, Dolby Digital, Dolby Headphone, Dolby Virtual Speaker, Dolby Headphone, and Pro Logic are registered trademarks of Dolby Laboratories, Inc. Supply of an implementation of Dolby Technology does not convey a license nor imply a right under any patent, or any other industrial or Intellectual Property Right of Dolby Laboratories, to use the Implementation in any finished end-user or ready-to-use final product. It is hereby notified that a license for such use is required from Dolby Laboratories.
D
Cirrus Logic, Cirrus, the Cirrus Logic logo designs, DSP Composer, and Cirrus Framework are trademarks of Cirrus Logic, Inc. All other brand and product names in this document may be trademarks or service marks of their respective owners.
EN D TI EL A L PH D I RA FT
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
Table of Contents
1. Documentation Strategy . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1 Licensing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3. Code Overlays . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4. Hardware Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
4.1 DSP Core . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.1.1 DSP Memory . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.1.2 DMA Controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2 On-chip DSP Peripherals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2.1 Digital Audio Input Port (DAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2.2 Digital Audio Output Port (DAO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2.3 Serial Control Port (I2C(R) or SPITM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2.4 GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2.5 PLL-based Clock Generator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2.6 Hardware Watchdog Timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3 DSP I/O Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3.1 Multiplexed Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3.2 Termination Requirements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3.3 Pads . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.4 Application Code Security . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 7 8 8 8 8 8 8 8 9 9 9 9 9 9
5. Characteristics and Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5.1 Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5.2 Recommended Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5.3 Digital DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5.4 Power Supply Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11 5.5 Thermal Data (48-Pin LQFP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11 5.6 Switching Characteristics-- RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 5.7 Switching Characteristics -- XTI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 5.8 Switching Characteristics -- Internal Clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 5.9 Switching Characteristics -- Serial Control Port - SPI Slave Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 5.10 Switching Characteristics -- Serial Control Port - SPI Master Mode . . . . . . . . . . . . . . . . . . . . . . . . . 14 5.11 Switching Characteristics -- Serial Control Port - I2C Slave Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 5.12 Switching Characteristics -- Serial Control Port - I2C Master Mode . . . . . . . . . . . . . . . . . . . . . . . . . . 16 5.13 Switching Characteristics -- Digital Audio Slave Input Port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 5.14 Switching Characteristics -- DSD Slave Input Port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 5.15 Switching Characteristics -- Digital Audio Output Port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
9. Package Mechanical Drawings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
9.1 48-pin LQFP Package Drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
10. Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
DS734F3
C
O
8.1 CS48520, 48-pin LQFP Pinout Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 8.2 CS48540, 48-pin LQFP Pinout Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 8.3 CS48560,48-pin LQFP Pinout Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
N
FI
6. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 7. Environmental, Manufacturing, & Handling Information . . . . . . . . . . . . . . . . . . . . . . . . . . 21 8. Device Pinout Diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
D
EN D TI EL A L PH D I RA FT
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
List of Figures
Figure 1. RESET Timing ......................................................................................................................................... 12 Figure 2. XTI Timing ............................................................................................................................................... 12 Figure 3. Serial Control Port - SPI Slave Mode Timing........................................................................................... 14 Figure 4. Serial Control Port - SPI Master Mode Timing......................................................................................... 15 Figure 5. Serial Control Port - I2C Slave Mode Timing ........................................................................................... 16 Figure 6. Serial Control Port - I2C Master Mode Timing ......................................................................................... 17 Figure 7. Digital Audio Input (DAI) Port Timing Diagram ........................................................................................ 17 Figure 8. Direct Stream Digital - Serial Audio Input Timing..................................................................................... 18 Figure 9. Digital Audio Output Port Timing, Master Mode....................................................................................... 19 Figure 10. Digital Audio Output Timing, Slave Mode (Relationship LRCLK to SCLK) ............................................ 19 Figure 11. CS48520, 48-Pin LQFP Pinout .............................................................................................................. 22 Figure 12. CS48540, 48-Pin LQFP Pinout .............................................................................................................. 23 Figure 13. CS48560, 48-Pin LQFP Pinout .............................................................................................................. 24 Figure 14. 48-Pin LQFP Package Drawing ............................................................................................................. 25
List of Tables
Table 1. CS485xx Family Related Documentation ................................................................................................5 Table 2. Device and Firmware Selection Guide.....................................................................................................7 Table 3. Ordering Information ..............................................................................................................................20 Table 4. Environmental, Manufacturing, & Handling Information.........................................................................21
4
C
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
O
N
FI
D
EN D TI EL A L PH D I RA FT
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
1. Documentation Strategy
The CS485xx Family Data Sheet describes the CS485xx family of multichannel audio processors. This document should be used in conjunction with the following documents when evaluating or designing a system around the CS485xx family of processors.
Table 1. CS485xx Family Related Documentation
Document Name CS485xx Family Data Sheet CS485xx Family Hardware User's Manual This document Includes detailed system design information including Typical Connection Diagrams, Boot-Procedures, Pin Descriptions, etc. Description
AN298 - CS485xx Family Firmware User's Manual
DSP Composer User's Manual
The scope of the CS485xx Family Data Sheet is primarily the hardware specifications of the CS485xx family of devices. This includes hardware functionality, characteristic data, pinout, and packaging information. The intended audience for the CS485xx Family Data Sheet is the system PCB designer, MCU programmer, and the quality control engineer.
2. Overview
The CS485xx DSP Family is designed to provide high-performance post-processing and mixing of digital audio. The dual clock domain provided on the PCM inputs allows for the mixing of audio streams with different sampling frequencies. The low-power standby preserves battery life for applications which are always on, but not necessarily processing audio, such as automotive audio systems. There are three devices comprising the CS485xx family. The CS48520, CS48540 and CS48560 are differentiated by the number of inputs and outputs available. All DSPs support dual input clock domains and dual audio processing paths. All DSPs are available in a 48-pin QFP package. Please refer to Table 2 on page 7 for the input, output, firmware features of each device.
DS734F3
C
O
Licenses are required for all of the 3rd party audio processing algorithms listed in Section 3. Please contact your local Cirrus Logic Sales representative for more information.
N
2.1 Licensing
FI
D
EN D TI EL A L PH D I RA FT
Includes detailed firmware design information including signal processing flow diagrams and control API information Includes detailed configuration and usage information for the GUI development tool. Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
5
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
3. Code Overlays
The suite of software available for the CS485xx family consists of an operating system (OS) and a library of overlays. The overlays have been divided into three main groups called Matrix-processors, Virtualizer-processors, and Post-processors. All software components are defined below: 1. OS/Kernel - Encompasses all non-audio processing tasks, including loading data from external memory, processing host messages, calling audio-processing subroutines, error concealment, etc. 2. Matrix-processor- Any Module that performs a matrix decode on PCM data to produce more output channels than input channels (2 n channels). Examples are Dolby ProLogic IIx and DTS Neo:6. Generally speaking, these modules increase the number of valid channels in the audio I/O buffer. 3. Virtualizer-processor - Any module that encodes PCM data into fewer output channels than input channels (n 2 channels) with the effect of providing "phantom" speakers to represent the physical audio channels that were eliminated. Examples are Dolby Headphone(R) and Dolby Virtual Speaker(R). Generally speaking, these modules reduce the number of valid channels in the audio I/O buffer. 4. Post-processors - Any module that processes audio I/O buffer PCM data in-place after the matrix- or virtualizer-processors. Examples are bass management, audio manager, tone control, EQ, delay, customer-specific effects, etc. The bulk of each overlay is stored in ROM within the CS485xx, but a small image is required to configure the overlays and boot the DSP. This small image can either be stored in an external serial FLASH/EEPROM, or downloaded via a host controller through the SPITM/I2C(R) serial port. The overlay structure reduces the time required to reconfigure the DSP when a processing change is requested. Each overlay can be reloaded independently without disturbing the other overlays. For example, when a new matrix-processor is selected, the OS, virtualizer-, and post-processors do not need to be reloaded -- only the new matrix-processor (the same is true for the other overlays). Table 2 below lists the firmware available based on device selection. Please refer AN298, CS485xx Firmware User's Manual for the latest listing of application codes and Cirrus FrameworkTM modules available.
6
C
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
O
N
FI
D
EN D TI EL A L PH D I RA FT
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
Table 2. Device and Firmware Selection Guide
Device Suggested Application Digital TV Portable Audio Docking Station Portable DVD DVD Mini / Receiver Multimedia PC Speakers CS48520 features Plus 8 Channel Car Audio DVD Receiver Channel Count Input/Output Package
CS48520-CQZ
Up to 4 channel in / 4 channel out
48-pin QFP
CS48540-CQZ CS48540-DQZ CS48560-CQZ CS48560-DQZ
CS48540 features Plus 12 channel Car Audio High-end Digital TV Dual Source/Dual Zone SACD
4. Hardware Functional Description
4.1 DSP Core
The CS485xx family DSPs are single-core DSP with separate X and Y data and P code memory spaces. The DSP core is a high-performance, 32-bit, user-programmable, fixed-point DSP that is capable of performing two multiply-and-accumulate (MAC) operations per clock cycle. The DSP core has eight 72-bit accumulators, four X- and four Y-data registers, and 12 index registers. The DSP core is coupled to a flexible DMA engine. The DMA engine can move data between peripherals such as the serial control port (SCP), digital audio input (DAI) and digital audio output (DAO), or any DSP core memory, all without the intervention of the DSP. The DMA engine off loads data move instructions from the DSP core, leaving more MIPS available for signal processing instructions.
4.1.1 DSP Memory The DSP core has its own on-chip data and program RAM and ROM and does not require external memory for post-processing applications. The Y-RAM and P-RAM share a single block of memory that can be configured to make Y and P equal in size, or more memory can be allocated for Y-RAM in 2kword blocks.
DS734F3
C
The CS485xx is suitable for a variety of audio post-processing applications such as automotive head-ends, automotive amplifiers, and boom boxes.
O
Users can develop their applications using DSP Composer to create the processing chain and then compile the image into a series of commands that are sent to the CS485xx through the SCP. The processing application can either load modules (matrix-processors, virtualizers, post-processors) from the DSPs on-board ROM, or custom firmware can be downloaded through the SCP.
N
FI
CS485xx family functionality is controlled by application codes that are stored in on-board ROM or downloaded to the CS485xx from a host controller or external serial FLASH/EEPROM.
D
EN D TI EL A L PH D I RA FT
Up to 8 channel in / 8 channel out 48-pin QFP Up to 12 channel in /12 channel out 48-pin QFP Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
7
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
4.1.2 DMA Controller The powerful 8-channel DMA controller can move data between 8 on-chip resources. Each resource has its own arbiter: X, Y, and P RAMs/ROMs and the peripheral bus. Modulo and linear addressing modes are supported, with flexible start address and increment controls. The service intervals for each DMA channel, as well as up to 6 interrupt events, are programmable.
4.2 On-chip DSP Peripherals
4.2.1 Digital Audio Input Port (DAI) Each version of the CS485xx supports a different number of input channels. Refer to Table 2 on page 7 for more details. The DAI port supports a wide variety of data input formats at sample rates (Fs) as high as 192 kHz. The port is capable of accepting PCM or DSD formats. Up to 32-bit word lengths are supported. DSD is supported and internally converted to PCM before processing. The DAI also supports a time division multiplexed (TDM) one-line data mode, that packs PCM audio on a single data line (the total number possible depends on the ratio of SCLK to LRCLK and the version of chip. For example on the CS48520 only 4 ch of PCM are supported in one line mode and on the CS48560 up to 8 channels are supported.). The port has two independent slave-only clock domains. Each data input can be independently assigned to a clock domain. The sample rate of the input clock domains can be determined automatically by the DSP, off-loading the task of monitoring the SPDIF receiver from the host. A timestamping feature allows the input data to be sample-rate converted via software. 4.2.2 Digital Audio Output Port (DAO)
Each version of the CS485xx supports a different number of output channels. Refer to Table 2 on page 7 for more details. DAO port supports PCM resolutions of up to 32-bits. The port supports sample rates (Fs) as high as 192 kHz. The port can be configured as an independent clock domain mastered by the DSP, or as a clock slave if an external MCLK or SCLK/LRCLK source is available. One of the serial audio pins can be re-configured as a SPDIF transmitter that drives a bi-phase encoded S/PDIF signal (data with embedded clock on a single line).
4.2.3 Serial Control Port (I2C(R) or SPITM) The on-chip serial control port is capable of operating as master or slave in either SPITM or I2C(R) modes. Master/Slave operation is chosen by mode select pins when the CS485xx comes out of Reset. The serial clock pin can support frequencies as high as 25 MHz in SPI mode (SPI clock speed must always be (Fdclk/2)). The CS485xx serial control port also includes a pin for flow control of the communications interface (SCP_BSY) and a pin to indicate when the DSP has a message for the host (SCP_IRQ).
4.2.4 GPIO
8
C
Many of the CS485xx peripheral pins are multiplexed with GPIO. Each GPIO can be configured as an output, an input, or an input with interrupt. Each input-pin interrupt can be configured as rising edge, falling edge, active-low, or active-high.
O
N
FI
D
The DAO also supports a time division multiplexed (TDM) one-line data mode, that packs multiple channels of PCM audio on a single data line.
EN D TI EL A L PH D I RA FT
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
4.2.5 PLL-based Clock Generator The low-jitter PLL generates integer or fractional multiples of a reference frequency which are used to clock the DSP core and peripherals. Through a second PLL divider chain, a dependent clock domain can be output on the DAO port for driving audio converters. The CS485xx defaults to running from the external reference frequency and is switched to use the PLL output after overlays have been loaded and configured, either through master boot from an external FLASH or through host control. A built-in crystal oscillator circuit with a buffered output is provided. The buffered output frequency ratio is selectable between 1:1 (default) or 2:1. 4.2.6 Hardware Watchdog Timer
4.3 DSP I/O Description
4.3.1 Multiplexed Pins
Many of the CS485xx family pins are multi-functional. For details on pin functionality please refer to the CS485xx Hardware User's Manual. 4.3.2 Termination Requirements
Open-drain pins on the CS485xx must be pulled high for proper operation. Please refer to the CS485xx Hardware User's Manual to identify which pins are open-drain and what value of pull-up resistor is required for proper operation. Mode select pins in the CS485xx family are used to select the boot mode upon the rising edge from reset. A detailed explanation of termination requirements for each communication mode select pin can be found in the CS485xx Hardware User's Manual. 4.3.3 Pads
4.4 Application Code Security
DS734F3
C
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
O
N
The external program code may be encrypted by the programmer to protect any intellectual property it may contain. A secret, customer-specific key is used to encrypt the program code that is to be stored external to the device. Please contact your local Cirrus representative for details.
FI
D
The CS485xx I/Os operate from the 3.3 V supply and are 5 V tolerant.
EN D TI EL A L PH D I RA FT
The CS485xx has an integrated watchdog timer that acts as a "health" monitor for the DSP. The watchdog timer must be reset by the DSP before the counter expires, or the entire chip is reset. This peripheral ensures that the CS485xx will reset itself in the event of a temporary system failure. In stand-alone mode (that is, no host MCU), the DSP will reboot from external FLASH. In slave mode (that is, host MCU present) a GPIO will be used to signal the host that the watchdog has expired and the DSP should be rebooted and re-configured.
9
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
5. Characteristics and Specifications
Note: All data sheet minimum and maximum timing parameters are guaranteed over the rated voltage and temperature. All data sheet typical parameters are measured under the following conditions: T = 25 C, CL = 20 pF, VDD = VDDA = 1.8 V, VDDIO = 3.3 V, GNDD = GNDIO = GNDA = 0 V.
5.1 Absolute Maximum Ratings
(GNDD = GNDIO = GNDA = 0 V; all voltages with respect to 0V) Parameter DC power supplies: Core supply PLL supply I/O supply |VDDA - VDDIO| Symbol VDD VDDA VDDIO Iin Min -0.3 -0.3 -0.3 -0.3 -0.3 Max 2.0 3.6 3.6 0.3 Unit V V V V mA V V C
Input pin current, any pin except supplies Input voltage on PLL_REF_RES Input voltage on I/O pins Storage temperature
Caution: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes.
5.2 Recommended Operating Conditions
Parameter DC power supplies:
(GNDD = GNDIO = GNDA = 0 V; all voltages with respect to 0V) Core supply PLL supply I/O supply |VDDA - VDDIO|
EN D TI EL A L PH D I RA FT
+/- 10 3.6 5.0 Vfilt Vinio Tstg -65 150 Symbol VDD VDDA VDDIO TA Min Typ 1.8 3.3 3.3 0 Max 1.71 3.13 3.13 1.89 3.46 3.46 - CQZ - DQZ 0 - 40 + 70 + 85 Symbol VIH VIL VILXTI Vhys VOH VOL ILXTI ILEAK VDDIO * 0.9 Min 2.0 Typ 0.4 VDDIO * 0.1 5 70 Max 0.8 0.6
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
Unit V V V V C
Ambient operating temperature
Note: It is recommended that the 3.3 V IO supply come up ahead of or simultaneously with the 1.8 V core supply.
5.3 Digital DC Characteristics
Parameter
FI
(Measurements performed under static conditions.) Unit V V V V V V A A High-level input voltage
Low-level input voltage, except XTI Input Hysteresis
Low-level output voltage (IO = 2mA), except XTI Input leakage XTI Input leakage current (all digital pins with internal pull-up resistors enabled)
10
C
High-level output voltage (IO = -2mA), except XTI
O
Low-level input voltage, XTI
N
D
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
5.4 Power Supply Characteristics
(Measurements performed under operating conditions) Parameter Operational Power Supply Current: VDD: Core and I/O operating1 VDDA: PLL operating VDDIO: With most ports operating Total Operational Power Dissipation: Standby Power Supply Current: VDD: Core and I/O not clocked VDDA: PLL halted VDDIO: All connected I/O pins 3-stated by other ICs in system Total Standby Power Dissipation:
1. Dependent on application firmware and DSP clock speed.
Min -
Typ 203 8 27 480
Max -
Unit mA mA mA mW
5.5 Thermal Data (48-Pin LQFP)
Parameter Junction Temperature
EN D TI EL A L PH D I RA FT
Symbol Tj Min Typ Max 125 -
-
100 1 50 348
-
A A A W
Unit C
Thermal Resistance (Junction to Ambient) Two-layer Board1 Four-layer Board2 Thermal Resistance (Junction to Top of Package) Two-layer Board3 Four-layer Board4
ja
63.5 54 0.70 0.64
C / Watt
jt
C / Watt
1. Two-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper covering 20 % of the top & bottom layers.
2. Four-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper covering 20 % of the top & bottom layers and 0.5-oz. copper covering 90 % of the internal power plane & ground plane layers. 3. To calculate the die temperature for a given power dissipation
4. To calculate the case temperature for a given power dissipation
Tc = Tj - [ (Power Dissipation in Watts) * jt ]
DS734F3
C
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
O
N
FI
D
Tj = Ambient Temperature + [ (Power Dissipation in Watts) * ja ]
11
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
5.6 Switching Characteristics-- RESET
Parameter RESET# minimum pulse width low All bidirectional pins high-Z after RESET# low Configuration pins setup before RESET# high Configuration pins hold after RESET# high Symbol Trstl Trst2z Trstsu Trsthld Min 1 50 20 Max 100 Unit ms ns ns ns
HS[3:0]
All Bidirectional Pins
5.7 Switching Characteristics -- XTI
Parameter XTI period XTI high time XTI low time External Crystal operating frequency
1
EN D TI EL A L PH D I RA FT
Trst2z Trstl Trstsu Trsthld
RESET#
Figure 1. RESET Timing
Symbol Fxtal Tclki
Min
Max 27 100
Unit MHz ns ns ns pF
11.2896 33.3 13.3 13.3 10
Tclkih Tclkil CL
External Crystal Load Capacitance (parallel resonant)
2
18 50
1. Part characterized with the following crystal frequency values: 11.2896, 12.288, 18.432, 24.576, & 27 MH.z
O
N
XTI
t clkih Tclki
Figure 2. XTI Timing
FI
2. CL refers to the total load capacitance as specified by the crystal manufacturer. Crystals that require a CL outside this range should be avoided. The crystal oscillator circuit design should follow the crystal manufacturer's recommendation for load capacitor selection.
D
External Crystal Equivalent Series Resistance
ESR
12
C
t clkil
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
5.8 Switching Characteristics -- Internal Clock
Parameter Internal DCLK frequency1 CS4852x-CQZ CS4854x-CQZ CS4856x-CQZ CS4854x-DQZ CS4856x-DQZ Internal DCLK period1 CS4852x-CQZ CS4854x-CQZ CS4856x-CQZ CS4854x-DQZ CS4856x-DQZ DCLKP Symbol Fdclk Min Fxtal Fxtal Fxtal Fxtal Fxtal 6.7 6.7 6.7 6.7 6.7 Max 150 150 150 150 150 ns 1/Fxtal 1/Fxtal 1/Fxtal 1/Fxtal 1/Fxtal Unit MHz
1. After initial power-on reset, Fdclk = Fxtal. After initial kickstart commands, the PLL is locked to max Fdclk and remains locked until the next power-on reset.
5.9 Switching Characteristics -- Serial Control Port - SPI Slave Mode.
Parameter SCP_CLK frequency1 Symbol fspisck tspicss tspickl Min 24 20 20 5 5 Typical
EN D TI EL A L PH D I RA FT
Max 25 tspickh tspidh tspidsu tspidov tspiirql 11 tspiirqh tspicsh 20 0 24 tspicsdz 20 tspicbsyl 3*DCLKP+20
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
Units MHz ns ns ns ns ns ns ns ns ns ns ns
SCP_CS# falling to SCP_CLK rising SCP_CLK low time SCP_CLK high time Setup time SCP_MOSI input Hold time SCP_MOSI input
SCP_CLK low to SCP_MISO output valid SCP_CLK falling to SCP_IRQ# rising SCP_CS# rising to SCP_IRQ# falling SCP_CLK low to SCP_CS# rising
SCP_CS# rising to SCP_MISO output high-Z
DS734F3
C
O
N
FI
1. The specification fspisck indicates the maximum speed of the hardware. The system designer should be aware that the actual maximum speed of the communication port may be limited by the firmware application. Flow control using the SCP_BSY# pin should be implemented to prevent overflow of the input data buffer. At boot the maximum speed is Fxtal/3.
D
SCP_CLK rising to SCP_BSY# falling
13
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
tspicss
SCP_CS#
tspickl 0 1 2 6 7 0 5 6 7 tspicsh
SCP_CLK
fspisck tspickh A6 tspidsu A5 tspidh A0 R/W tspidov MSB LSB tspicsdz
SCP_MOSI
SCP_MISO
SCP_IRQ#
SCP_BSY#
Figure 3. Serial Control Port - SPI Slave Mode Timing
5.10 Switching Characteristics -- Serial Control Port - SPI Master Mode
Parameter SCP_CLK frequency1 Symbol fspisck tspicss tspickl Min Typical
EN D TI EL A L PH D I RA FT
MSB LSB tspiirqh tspibsyl
tspiirql
Max -
Units MHz ns ns ns ns ns ns ns ns ns ns
Fxtal
/22
SCP_CS# falling to SCP_CLK rising SCP_CLK low time SCP_CLK high time Setup time SCP_MISO input Hold time SCP_MISO input
3
11*DCLKP + (SCP_CLK PERIOD)/2
D
20 20 9 5 7 -
-
tspickh tspidh
FI
tspidsu tspidov tspicsl tspicsh tspicsx tspidz
8 11*DCLKP + (SCP_CLK PERIOD)/2 3*DCLKP 20
SCP_CLK low to SCP_CS# falling
SCP_CLK falling to SCP_MOSI output high-Z
C
Bus free time between active SCP_CS#
O
SCP_CLK low to SCP_CS# rising
N
SCP_CLK low to SCP_MOSI output valid
-
1. The specification fspisck indicates the maximum speed of the hardware. The system designer should be aware that the actual maximum speed of the communication port may be limited by the firmware application. 2. See Section 5.7. 3. SCP_CLK PERIOD refers to the period of SCP_CLK as being used in a given application. It does not refer to a tested parameter
14
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
tspicsx tspicss
EE_CS#
tspicsl tspickl 0 1 2 6 7 0 5 6 7 tspicsh
SCP_CLK
fspisck tspickh
tspidsu
SCP_MOSI
Figure 4. Serial Control Port - SPI Master Mode Timing
5.11 Switching Characteristics -- Serial Control Port - I2C Slave Mode
Parameter SCP_CLK frequency SCP_CLK low time SCP_CLK high time
1
EN D TI EL A L PH D I RA FT
tspidh tspidov tspidz MSB LSB
SCP_MISO
A6
A5
A0
R/W
MSB
LSB
Symbol fiicck tiicckl
Min -
Typical
Max 400 -
Units kHz s s s s s s ns ns ns ns ns ns
1.25 1.25 1.25 1.25 2.5 3
tiicckh
SCP_SCK rising to SCP_SDA rising or falling for START or STOP condition START condition to SCP_CLK falling SCP_CLK falling to STOP condition
tiicckcmd tiicstscl tiicstp tiicbft tiicsu tiich
-
-
Bus free time between STOP and START conditions
-
Setup time SCP_SDA input valid to SCP_CLK rising Hold time SCP_SDA input after SCP_CLK falling SCP_CLK low to SCP_SDA out valid
D
100 20 -
-
FI
tiicdov tiicirqh tiicirql tiicbsyl
18 3*DCLKP + 40 3*DCLKP + 20 3*DCLKP + 20
SCP_CLK falling to SCP_IRQ# rising SCP_CLK rising to SCB_BSY# low
N
NAK condition to SCP_IRQ# low
-
DS734F3
C
1. The specification fiicck indicates the maximum speed of the hardware. The system designer should be aware that the actual maximum speed of the communication port may be limited by the firmware application. Flow control using the SCP_BSY# pin should be implemented to prevent overflow of the input data buffer.
O
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
15
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
tiicckcmd 0 1
tiicckl 6
tiicr 7 8
tiicf 0 1 6 7 8
tiicckcmd
SCP_CLK
tiicstscl tiicckh A6 A0 tiicdov R/W ACK MSB tiicirqh tiicsu tiich fiicck LSB ACK tiicirql tiicstp tiicbft
SCP_SDA
SCP_IRQ#
SCP_BSY#
Figure 5. Serial Control Port - I2C Slave Mode Timing
5.12 Switching Characteristics -- Serial Control Port - I2C Master Mode
Parameter SCP_CLK frequency1 SCP_CLK low time SCP_CLK high time Symbol fiicck tiicckl Min -
EN D TI EL A L PH D I RA FT
tiiccbsyl
Max 400 -
Units kHz s s s s s s ns ns ns
1.25 1.25 1.25 1.25 2.5 3
tiicckh
SCP_SCK rising to SCP_SDA rising or falling for START or STOP condition START condition to SCP_CLK falling SCP_CLK falling to STOP condition
tiicckcmd tiicstscl tiicstp tiicbft tiicsu tiich tiicdov
-
-
Bus free time between STOP and START conditions
-
Setup time SCP_SDA input valid to SCP_CLK rising SCP_CLK low to SCP_SDA out valid
D
100 20 -
FI
Hold time SCP_SDA input after SCP_CLK falling
18
16
C
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
O
N
1. The specification fiicck indicates the maximum speed of the hardware. The system designer should be aware that the actual maximum speed of the communication port may be limited by the firmware application.
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
tiicckcmd 0 1
tiicckl 6
tiicr 7 8
tiicf 0 1 6 7 8
tiicckcmd
SCP_CLK
tiicstscl tiicckh A6 A0 tiicdov R/W ACK MSB fiicck LSB ACK tiicstp tiicbf
SCP_SDA
Figure 6. Serial Control Port - I2C Master Mode Timing
5.13 Switching Characteristics -- Digital Audio Slave Input Port
Parameter DAI_SCLK period DAI_SCLK duty cycle Setup time DAI_DATAn Hold time DAI_DATAn Tdaiclkp tdaidsu tdaidh
EN D TI EL A L PH D I RA FT
Symbol Min 40 10 5 45 Max 55 -
tiicsu
tiich
Unit ns % ns ns
DAI_SCLK
tdaidsu
tdaidh
DAI_DATAn
5.14 Switching Characteristics -- DSD Slave Input Port
DS734F3
C
Parameter Symbol DSD_SCLK Pulse Width Low tsclkl DSD_SCLK Pulse Width High tsclkh DSD_SCLK Frequency (64x Oversampled) DSD_A / _B valid to DSD_SCLK rising setup time tsdlrs DSD_SCLK rising to DSD_A or DSD_B hold time tsdh
FI
D
Figure 7. Digital Audio Input (DAI) Port Timing Diagram
Min 78 78 1.024 20 20
Typ -
Max 3.2 -
Unit ns ns MHz ns ns
O
N
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
17
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
Figure 8. Direct Stream Digital - Serial Audio Input Timing
5.15 Switching Characteristics -- Digital Audio Output Port
Parameter DAO_MCLK period DAO_MCLK duty cycle Symbol Tdaomclk Tdaosclk -
EN D TI EL A L PH D I RA FT
Min 40 40 45 Max 55 40 60
1,2
Unit ns % ns % ns ns ns ns
DAO_SCLK period for Master or Slave mode1
DAO_SCLK duty cycle for Master or Slave mode1 Master Mode (Output A1 Mode) DAO_SCLK delay from DAO_MCLK rising edge, DAO_MCLK as an input
tdaomsck tdaomstlr tdaomlrts tdaomdv
19 8 8
DAO_LRCLK delay from DAO_SCLK transition, respectively3 DAO_SCLK delay from DAO_LRCLK transition, respectively3 DAO1_DATA[3..0], DAO2_DATA[1..0] delay from DAO_SCLK transition3
10
DAO_LRCLK delay from DAO_SCLK transition, respectively3
1. Master mode timing specifications are characterized, not production tested.
FI
DAO1_DATA[3..0], DAO2_DATA[1..0] delay from DAO_SCLK transition3
D
Slave Mode (Output A0 Mode)4
tdaosdv
-
15 30 15
ns ns ns
tdaosstlr tdaoslrts
18
C
3. This timing parameter is defined from the non-active edge of DAO_SCLK. The active edge of DAO_SCLK is the point at which the data is valid. 4. Slave mode is defined as DAO_SCLK, DAO_LRCLK driven by an external source.
O
2. Master mode is defined as the CS48DVxx driving both DAO_SCLK, DAO_LRCLK. When MCLK is an input, it is divided to produce DAO_SCLK, DAO_LRCLK.
N
DAO_SCLK delay from DAO_LRCLK transition, respectively3
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
tdaomlclk DAO_MCLK tdaomsck DAO_SCLK tdaomdv DAOn_DATAn tdaomlrts
DAOn_DATAn DAO_SCLK DAO_MCLK
tdaomclk
tdaomsck
DAO_LRCLK
Note: In these diagrams, Falling edge is the inactive edge of DAO_SCLK Figure 9. Digital Audio Output Port Timing, Master Mode
tdaosstlr DAO_LRCLK DAO_SCLK
DAOn_DATAn
Note: In these diagrams, Falling edge is the inactive edge of DAO_SCLK
Figure 10. Digital Audio Output Timing, Slave Mode (Relationship LRCLK to SCLK)
DS734F3
C
O
N
FI
D
EN D TI EL A L PH D I RA FT
tdaomstlr DAO_LRCLK tdaosclk DAO_LRCLK
tdaosclk
DAO_SCLK
tdaoslrts
tdaosdv
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
19
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
6. Ordering Information
The CS485xx family part number is described as follows:
CS485NI-XYZR
where N - Product Number Variant I - ROM ID Number X - Product Grade Y - Package Type Z - Lead (Pb) Free R - Tape and Reel Packaging
Part No. CS48520-CQZ CS48540-CQZ CS48540-DQZ CS48560-CQZ CS48560-DQZ
NOTE: Please contact the factory for availability of the -D (automotive grade) package.
20
C
O
N
FI
D
EN D TI EL A L PH D I RA FT
Table 3. Ordering Information
Grade Temp. Range 0 to +70 C 0 to +70 C Package Commercial Commercial Automotive -40 to +85 C 0 to +70 C 48-pin LQFP Commercial Automotive -40 to +85 C Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
7. Environmental, Manufacturing, & Handling Information
Table 4. Environmental, Manufacturing, & Handling Information
Model Number CS48520-CQZ CS48540-CQZ CS48540-DQZ CS48560-CQZ CS48560-DQZ 260 C 3 7 Days Peak Reflow Temp MSL Rating* Max Floor Life
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
DS734F3
C
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
O
N
FI
D
EN D TI EL A L PH D I RA FT
21
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
8. Device Pinout Diagrams
8.1 CS48520, 48-pin LQFP Pinout Diagram
GPIO10, SCP__MISO / SDA GPIO6, DAO2 _DATA0, HS3 GPIO18, DAO_MCLK 25
GPIO11, SCP_CLK
GPIO9, SCP_MOSI
GPIO5, XMTA
GPIO7, HS4
GNDIO3
GND4
36
35
33
31
30
28
VDD2
GPIO3, HS1
34
32
29
27
26
GPIO4, HS2
VDDIO3
37
24
VDDIO2
GPIO8, SCP_CS#
38
GPOI12, SCP_IRQ#
39
GNDIO4
40
GPIO13, SCP_BSY#, EE_CS#
41
VDD3
42
XTAL_OUT
43
XTI
44
XTO
45
GNDA
46
PLL_REF_RES
47
D
VDDA (3.3V)
48 1
GPIO0
RESET#
GNDIO1
O
N
22
C
Figure 11. CS48520, 48-Pin LQFP Pinout
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
GPIO16, DAI1_DATA0
DAI1_LRCLK
FI
DAI1_SCLK
VDDIO1
GND1
DBDA
DBCK
GND2
TEST
EN D TI EL A L PH D I RA FT
23 DAO_SCLK 22 GND3 21 DAO_LRCLK 20
DAO1_DATA0, HS0
CS48520
19
GNDIO2
48-Pin LQFP
18
GPIO15, DAI2_SCLK
17
GPIO14, DAI2_LRCLK
16
VDD1
15
GPIO17, DAI2_DATA0
14
GPIO2
13
GPIO1
10
11
12
2
3
4
5
6
7
8
9
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
8.2 CS48540, 48-pin LQFP Pinout Diagram
GPIO10, SCP__MISO / SDA GPIO3, DAO1_ DATA1, HS1 GPIO6, DAO2_DATA0, HS3 GPIO4, DAO1_ DATA2, HS2 GPIO18, DAO_MCLK 25
GPIO11, SCP_CLK
GPIO9, SCP_MOSI
GNDIO3
GPIO5, XMTA
GPIO7, HS4
GND4
36
35
33
31
30
28
VDD2
34
32
29
VDDIO3
27
26
37
24
VDDIO2
GPIO8, SCP_CS#
38
23
DAO_SCLK
GPOI12, SCP_IRQ#
39
GNDIO4
40
GPIO13, SCP_BSY#, EE_CS#
41
VDD3
42
XTAL_OUT
43
XTI
44
XTO
45
GNDA
46
PLL_REF_RES
47
VDDA (3.3V)
48 1 2
DS734F3
C
O
N
FI
Figure 12. CS48540, 48-Pin LQFP Pinout
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
GPIO16, DAI1_DATA0
D
GPIO0, DAI1_DATA1
EN D TI EL A L PH D I RA FT
22 GND3 21 DAO_LRCLK 20 DAO1_DATA0, HS0
CS48540
19
GNDIO2
48-Pin LQFP
18
GPIO15, DAI2_SCLK
17
GPIO14, DAI2_LRCLK
16
VDD1
15
GPIO17, DAI2_DATA0
14
GPIO2
13
GPIO1, DAI1_DATA2
10
11
DAI1_LRCLK
RESET#
GNDIO1
DAI1_SCLK
VDDIO1
GND1
GND2
TEST
DBDA
DBCK
12
3
4
5
6
7
8
9
23
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
8.3 CS48560,48-pin LQFP Pinout Diagram
GPIO10, SCP__MISO / SDA GPIO6, DAO2 _DATA0, HS3 GPIO5, DAO1_DATA3, X MTA GPIO3, DAO1_ DATA1, HS1 GPIO7, DAO2_D ATA1, HS4 GPIO4, DAO1_ DATA2, HS2
36
35
33
31
30
28
26
34
32
29
27
25
GPIO18, DAO_MCLK
GPIO11, SCP_CLK
GPIO9, SCP_MOSI
GNDIO3
GND4
VDD2
VDDIO3
37
24
VDDIO2
GPIO8, SCP_CS#
38
23
DAO_SCLK
GPOI12, SCP_IRQ#
39
GNDIO4
40
GPIO13, SCP_BSY#, EE_CS#
41
VDD3
42
XTAL_OUT
43
XTI
44
XTO
45
GNDA
46
PLL_REF_RES
47
VDDA (3.3V)
48 1 2 3
GPIO16, DAI1_DATA0, TM0, DSD0
GPIO0, DAI1_DATA1, TM1, DSD1
O
N
24
C
FI
Figure 13. CS48560, 48-Pin LQFP Pinout
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
DAI1_LRCLK, DAI1_DATA4, DSD5
D
EN D TI EL A L PH D I RA FT
22 GND3 21 DAO_LRCLK 20 DAO1_DATA0, HS0
CS48560
19
GNDIO2
48-Pin LQFP
18
GPIO15, DAI2_SCLK
17
GPIO14, DAI2_LRCLK
16
VDD1
15
GPIO17, DAI2_DATA0, DSD4
14
GPIO2, DAI1_DATA3, TM3, DSD3
13
GPIO1, DAI1_DATA2, TM2, DSD2
10
11
RESET#
GNDIO1
DAI1_SCLK, DSD-CLK
VDDIO1
DBDA
GND1
DBCK
GND2
TEST
12
4
5
6
7
8
9
DS734F3
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
9. Package Mechanical Drawings
9.1 48-pin LQFP Package Drawing
48 LD LQFP (7 x 7 x 1.4 mm body)
O C
DS734F3
A A1 A2 b D D1 e E E1 theta L L1
Number of Leads 48 MIN NOM MAX 1.60 0.05 0.15 1.35 1.40 1.45 0.17 0.22 0.27 9.00 BSC 7.00 BSC 0.50 BSC 9.00 BSC 7.00 BSC 0 7 0.45 0.60 0.75 1.00 REF
N
NOTES: 1) Reference document: JEDEC MS-026 2) All dimensions are in millimeters and controlling dimension is in millimeters. 3) D1 and E1 do not include mold flash which is 0.25 mm max. per side.A1 4) Dimension b does not include a total allowable dambar protrusion of 0.08 mm max.
FI
D
Figure 14. 48-Pin LQFP Package Drawing
EN D TI EL A L PH D I RA FT
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL 25
www.DataSheet.in
CS485xx Family Data Sheet 32-bit Audio Decoder DSP Family
10. Revision History
Revision A1 A2 A3 PP1 PP2 Date JUL 2006 JUL 2006 DEC 5 2006 MAR 12 2007 December 18, 2007 Advance release. Updated pinout definition for pins 26 and 27. Updated typical power numbers. Updated sections 2.0, 4.2.1, 5.8, Table 3, Table 4, to show new device numbering scheme. Updated sections 8.1, 8.2, 8.3. Preliminary Release Changed title of data sheet from CS48500 Data Sheet to CS485xx Family Data Sheet to cover all CS485xx family products. Updated Standby Power specification in Section . Updated DAO timing specifications and timing diagrams in Section 5.15. Changes
F1
April 21, 2007
F2 F3
July 14, 2008
February 16, 2009
26
C
Copyright 2009 Cirrus Logic, Inc. CONFIDENTIAL
O
N
FI
D
EN D TI EL A L PH D I RA FT
Updated Section 5.5, adding Junction Temperature specification.
Removed DSD Phase Modulation Mode from Section 5.14. Removed reference to MCLK in Section 5.14. Redefined Master mode clock speed for SCP_CLK in Section 5.10. Redefined DC leakage characterization data in Section 5.3. Added typical crystal frequency values in Table Footnote 1 under Section 5.7. Modified Footnote 1 under Section 5.9. Modified power supply characteristics in Section 5.4,
Added reference to support for time division multiplexed (TDM) one-line data mode for DAO port in Section 4.2.2.
DS734F3


▲Up To Search▲   

 
Price & Availability of CS48520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X